Part Number Hot Search : 
31S100M ZTX327 NCP5359A 800892 ADM696 20060 GMF10701 AN921
Product Description
Full Text Search
 

To Download 2SA1331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
PNP Epitaxial Planar Silicon Transistors 2SA1331
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Features
+0.1 2.4-0.1
Fast switching speed. High breakdown voltage.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Base current Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating -60 -50 -5 -150 -400 -40 150 125 -55 to +125 Unit V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
2SA1331
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Common base output capacitance Collector-to-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Delay time Rise time Storage time Fall time tf Symbol IcBO IEBO hFE fT Cob Testconditons VCB = -40V , IE = 0 VEB = -4V , IC = 0 VCE = -6V , IC = -1mA VCE = -6V , IC = -1mA VCB = -6V , f = 1MHz
Transistors IC
Min
Typ
Max -0.1 -0.1
Unit iA iA
90 100 3.5 -0.1 -0.75 -60 -50 -5 40 120 190 200
400 MHz pF -0.4 -1.1 V V V V V ns ns ns ns
VCE(sat) IC = -10mA , IB =-1mA VBE(sat) IC = -10mA , IB =-1mA V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 td tr tstg
hFE Classification
Marking Rank hFE 90 4 180 O 5 135 270 6 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SA1331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X